Part Number Hot Search : 
2N2297 SSP2FKQ ST9028C1 SM8S26 11610 HT7825 74LVC2 BY398
Product Description
Full Text Search
 

To Download SB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120-SB160 1A Schottky Barrier Rectifiers
PRODUCT SUMMARY
Voltage ratings available from 20 Volts to 60 Volts
DO-204AL/DO-41
FEATURES
Metal-Semiconductor junction with guardring Epitaxial construction
Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
MECHANICAL DATA
Case : JEDEC DO-204AL(DO-41) molded plastic Polarity : Color band denotes cathode Weight : DO-41 - 0.012 ounce, 0.33 gram Mounting position : Any
Dimensions in inches and (millimeters)
Pb-free; RoHS-compliant
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current .375" (9.5mm) lead lengths @TL=100oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load Maximum forward voltage at 1.0A DC Maximum DC reverse current at rated DC blocking voltage @TJ=25oC @TJ=100oC
Symbols VRRM VRMS V DC I(AV) IFSM VF IR CJ RJL TJ TSTG
S B 120 20 14 20
S B 130 30 21 30
S B 140 40 28 40 1.0 40.0
S B 150 50 35 50
S B 160 60 42 60
Units Volts Volts Volts Amp Amps
0.50 0.5 10.0 110 15 -55 to +125 -55 to +150
0.70
Volts mA
Typical junction capacitance (Note 1) Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range
80
o
pF C/W
o
C C
o
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. Thermal resistance, junction to lead.
11/28/2006 Rev.4.01
www.SiliconStandard.com
1 of 2
SB120-SB160
RATINGS AND CHARACTERISTIC CURVES
(T A = 25C unless otherwise noted)
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
11/28/2006 Rev.4.01
www.SiliconStandard.com
2 of 2


▲Up To Search▲   

 
Price & Availability of SB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X